PART |
Description |
Maker |
LT3990 LT3990EDDB LT3990EDDBPBF LT3990EDDBTRPBF LT |
60V, 350mA Step-Down Regulator with 2.5楼矛A Quiescent Current and Integrated Diodes 60V, 350mA Step-Down Regulator with 2.5μA Quiescent Current and Integrated Diodes
|
Linear Technology
|
MP2908A MP2908AGL MP2908AGF |
4V-60V Input, Current Mode, Synchronous Step-Down Controller
|
Monolithic Power System...
|
XL6003 |
400KHz 60V 2A Switching Current Boost LED Constant Current Driver
|
List of Unclassifed Man...
|
IDT7006L55G IDT7006L55GB IDT7006S35G IDT7006S15F I |
Serial/Parallel LED Driver with Current-Regulated, Step-Up DC/DC Converter; Package: MLP; No of Pins: 12; Container: Tape & Reel 16K X 8 DUAL-PORT SRAM, 17 ns, PQCC68 Serial/Parallel LED Driver with Current-Regulated, Step-Up DC/DC Converter 16K X 8 DUAL-PORT SRAM, 20 ns, PQFP68 Serial/Parallel LED Driver with Current-Regulated, Step-Up DC/DC Converter 16K X 8 DUAL-PORT SRAM, 20 ns, CPGA68 Regulated Step-Up/Step-Down Charge Pump DC/DC Converter; Package: MLP; No of Pins: 8; Container: Tape & Reel 高6K的8双端口静态RAM HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM 16K X 8 DUAL-PORT SRAM, 25 ns, PQFP68 Wide Input Voltage PWM/PFM Controller 16K X 8 DUAL-PORT SRAM, 15 ns, PQFP64 Low Dropout LED Driver for White, Blue or any Color LED; Package: SC70; No of Pins: 6; Container: Tape & Reel 16K X 8 DUAL-PORT SRAM, 25 ns, PQFP68 HIGH-SPEED 16K x 8 DUAL-PORT STATIC RAM 16K X 8 DUAL-PORT SRAM, 25 ns, PQFP64 High Efficiency Adaptive Charge pump 5V Boost; Package: WL-CSP; No of Pins: 8; Container: Tape & Reel 800mA 3MHz Digitally Programmable DC/DC converter; Package: WL-CSP; No of Pins: 12; Container: Tape & Reel Indicator LED Blinker with Single-Wire Interface; Package: MLP; No of Pins: 6; Container: Tape & Reel
|
INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc.
|
LTC3890-1 LTC7103 |
Low IQ, 60V, High Frequency Synchronous Step-Down Controller
|
Linear Technology
|
AL5811 |
60V, LINEAR 75mA ADJUSTABLE CURRENT LED DRIVER
|
Diodes Incorporated
|
AL5811MP-13 |
60V LINEAR 75mA ADJUSTABLE CURRENT LED DRIVER
|
Diodes
|
LTC1775 LTC1775I LTC1775IGN LTC1775IS LTC1775C LTC |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS Quadruple 2-Input Positive-NAND Gate 14-SOIC -40 to 85 High Power No RSENSE Current Mode Synchronous Step-Down Switching Regulator; Package: SO; No of Pins: 16; Temperature Range: 0°C to 70°C High Power No RSENSE Current Mode Synchronous Step-Down Switching Regulator; Package: SSOP; No of Pins: 16; Temperature Range: 0°C to 70°C High Power No RSENSE TM Current Mode Synchronous Step-Down Switching Regulator
|
Linear Technology Corporation LINER[Linear Technology]
|
LTC1771 LTC17711 LTC1771ES8 LTC1771IS8 LTC1771IS8T |
10A Quiescent Current High Efficiency Step-Down DC/DC Controller 10µA Quiescent Current High Efficiency Step-Down DC/DC Controller; Package: SO; No of Pins: 8; Temperature Range: -40°C to 125°C 1 A SWITCHING CONTROLLER, PDSO8 10µA Quiescent Current High Efficiency Step-Down DC/DC Controller; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 1 A SWITCHING CONTROLLER, PDSO8 10mA Quiescent Current High Efficiency Step-Down DC/DC Controller
|
Linear Technology, Corp.
|
2SD2318 |
High-current gain Power Transistor(60V, 3A)
|
ROHM[Rohm]
|
LOPT672-KN LOPT672-L LOPT672-LP LOPT672-M LOPT672- |
Header; No. of Contacts:11; Pitch Spacing:1.25mm; No. of Rows:1; Series:53048; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Right Angle Pin RoHS Compliant: Yes DSUB 15 F WW2 G Super Multi TOPLED High-Current LED DUAL COLOR LED, ORANGE/GREEN, 2.4 mm Super Multi TOPLED High-Current LED DUAL COLOR LED, ORANGE/PURE GREEN, 2.4 mm Shielded Multiconductor Cable; Leaded Process Compatible:Yes RoHS Compliant: Yes DUAL COLOR LED, ORANGE/YELLOW, 2.4 mm Super Multi TOPLED High-Current LED DUAL COLOR LED, SUPER RED/PURE GREEN, 2.4 mm Connector assemblies DUAL COLOR LED, YELLOW/PURE GREEN, 2.4 mm
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG SIEMENS A G
|